Part Number Hot Search : 
N4148 CY16B 1121AI SMBJ130A 1N6050 3CX800A7 MSG10407 NTF2955
Product Description
Full Text Search
 

To Download RK39A1A00007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hollow Shaft Type Devices
39mm LED Illuminated Potentiometer
RK39A Series
This LED illuminated potentiometer is most suitable for knob design of various set devices.
Typical Specifications
NEW
Items Contact resistance Total Rotational angle Detent torque Operating life Operating temperature range Specifications
%20% 220%5$ 290 deg. max. 40%16 mN m 30,000cycles -40 to +85
Hollow Shaft Type Devices
Product Line
Total resistance
5k
Resistance taper
B
Number of positions
17
Rotation al angle
220$
Detent torque mN m
40
LED
RED
Minimum order unit pcs.
500
Product No.
RK39A1A00007
Notes
1. Products other than those listed in the above chart are also available. Please contact us for details. 2. We can also provide LED colors other than the above mentioned. Contact us if you have such requirements.
Encoder Type Potentiometer Type
Dimensions
Style PC board mounting hole dimensions
Unit:mm
Mounting surface 22.2 19 3.2 1.2 2.5 19.7 14.4 8.5 3.7 0.5 2.5 0.5
20
1.25
30
.5 1
20
2-1.8
2-2.6
3
24.6
2-3.15
40.4 5 10 K1 2 3 A
5-1 .2 h
19
20
3-2.2 3-1.2
oles
22
3.5
18.5
3
2 0. 2
9
463
Hollow Shaft Type Devices
List of Varieties
Type Series Potentiometer 39mm size RK39A RK45A 45mm size RK45B RK45C Hollow Shaft Type Devices
Photo
Output
Shaft types
Potentiometer Hollow shaft Vertical
Operating direction Outline specifications Number of pulse/ Number of detent Push switch Travel mm Optional functions Changeover angle W D H Manual soldering Dip soldering
260%5 , 5s max.
Without LED illuminate LED illuminate
Reflow soldering Operating temperature range Electrical performance Output wave Insulation resistance Voltage proof Detent torque Terminal strength Pushing Actuator direction strength Pulling direction Vibration Environmental performance Cold Dry heat Damp heat Page
463 40 2 40%16mN m
Note
F
The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind.
Dimensions mm Soldering Mechanical performance
39 40 8.5
44.5 45 9 350 260 max. 3s max. max. 5s max.
45 45.5 9.5
39 40 8.5
260%5
, 5s max.
-40
to
85
Encoder Type Potentiometer Type
10M
min. 50V DC
50V AC for 1minute Shall be in accordance with individual specifications. 3N for 10s. 100N 50N 10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively -40 85 3 3 for 240h for 240h RH for 240h 464 40%16mN m
, 90 to 95
460
449


▲Up To Search▲   

 
Price & Availability of RK39A1A00007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X